PART |
Description |
Maker |
REEM00300 REEM00400 REEM00500 REEF00400 REEF00300 |
M8, receptacle, with wires, frontal assembling
|
SHIELD s.r.l.
|
RDEM00300 RDEM00400 RDEM00500 RDEM00530 RDEM00800 |
M12 coding A, receptacle, with wires, frontal assembling
|
SHIELD s.r.l.
|
J16ZCT26A J14ZCT26A J14ZCT52 J16ZCT52 |
Insulated Jumper Wires
|
KOA Speer Electronics, Inc.
|
880-001P |
Cable Plug with Pigtail Wires
|
Glenair, Inc.
|
P-17E-1657-37 |
terminate the cable wires to the connector
|
Amphenol Corporation
|
TX14-80R-6ST-MH1 TX14-120R-6ST-MH1 TX14-70R-6ST-MH |
Small signal NPN transistor RECEPTACLE 1.27MM 120 WAY Complementary silicon power transistors RECEPTACLE 1.27MM 30 WAY RECEPTACLE 1.27MM 40 WAY RECEPTACLE 1.27MM 50 WAY NPN Darlington power module PLUG R/A 1.27MM 40 WAY RECEPTACLE R/A 1.27MM 40 WAY PLUG 1.27MM 40 WAY Complementary power transistors RECEPTACLE R/A 1.27MM 50 WAY RECEPTACLE R/A 1.27MM 30 WAY 插座1.27MM 30未来 道路40插座1.27MM LOW VOLTAGE NPN POWER TRANSISTOR 插头1.27MM 100未来
|
Bourns, Inc.
|
SL1215004 SL150R710 |
BAT HOLDER,4-AA,WIRES BAT HOLDER,8-AA,SNAPS 电路保护热敏电阻
|
Ametherm, Inc.
|
L8231 L8231-21 L8231-22 L8231-23 L8231-32 L8231-44 |
2V; 0.2mW; laser diode: repectacle type, 1.3um, 1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit ethernet, HDTV, SDH Receptacle type, 1.3 レm, 1.25, 2.5 Gbps 插座类型.3レ米.25.5 Gbps CAP 1.5PF 50V /-0.25PF C0G SMD-0402 TR-7-PA SN100 插座类型.3レ米.25.5 Gbps Receptacle type/ 1.3 m/ 1.25/ 2.5 Gbps Receptacle type, 1.3 m, 1.25, 2.5 Gbps Receptacle type 1.3 m 1.25 2.5 Gbps Receptacle type, 1.3 μm, 1.25, 2.5 Gbps FIBER OPTIC LASER DIODE EMITTER, 1250Mbps, PANEL MOUNT, SC CONNECTOR
|
Hamamatsu Photonics K.K. HAMAMATSU[Hamamatsu Corporation]
|
45579-0001 |
SPOX BMI Receptacle 6 circuit 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
61729-10P1BPSLF 61729-0010BLF 61729-1011BLF 61729- |
4 CONTACT(S), FEMALE, RIGHT ANGLE TELECOM AND DATACOM CONNECTOR, SOLDER, RECEPTACLE USB RECEPTACLE B TYPE
|
FCI connector
|
4R3P06A27C300 4R3P00A27C300 403000A10M050 N03FA031 |
M8 Field-Attachable 3 Pole Male and Female Panel Mount Receptacle,Straight Connector and Receptacle and 5m Single-Ended Cable
|
MolexKits
|
|